| データシートサーチシステム |
|
DSP56004ROM データシート(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56004ROM データシート(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 82 page ![]() Signal/Connection Descriptions External Memory Interface (EMI) MOTOROLA DSP56004/D, Rev. 3 1-5 EXTERNAL MEMORY INTERFACE (EMI) Table 1-5 External Memory Interface (EMI) Signals Signal Name Signal Type State during Reset Signal Description MA0–MA14 Output Table 1-6 Memory Address Lines 0–14 —The MA0–MA10 lines provide the multiplexed row/column addresses for DRAM accesses. Lines MA0–MA14 provide the non-multiplexed address lines 0–14 for SRAM accesses. MA15 MCS3 Output Table 1-6 Memory Address Line 15 (MA15) —This line functions as the non-multiplexed address line 15. Memory Chip Select 3 (MCS3) —For SRAM accesses, this line functions as memory chip select 3. MA16 MCS2 MCAS Output Table 1-6 Memory Address Line 16 (MA16) —This line functions as the non-multiplexed address line 16 or as memory chip select 2 for SRAM accesses. Memory Chip Select 2 (MCS2) —For SRAM access, this line functions as memory chip select 2. Memory Column Address Strobe (MCAS) —This line functions as the Memory Column Address Strobe (MCAS) during DRAM accesses. MA17 MCS1 MRAS Output Table 1-6 Memory Address Line 17 (MA17) —This line functions as the non-multiplexed address line 17. Memory Chip Select 1 (MCS1)— This line functions as chip select 1 for SRAM accesses. Memory Row Address Strobe (MRAS) —This line also functions as the Memory Row Address Strobe during DRAM accesses. MCS0 Output Table 1-6 Memory Chip Select 0 —This line functions as memory chip select 0 for SRAM accesses. MWR Output Table 1-6 Memory Write Strobe —This line is asserted when writing to external memory. MRD Output Table 1-6 Memory Read Strobe —This line is asserted when reading external memory. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |