| データシートサーチシステム |
|
DSP56004/D データシート(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56004/D データシート(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 82 page ![]() DSP56004 Product Documentation MOTOROLA DSP56004/D, Rev. 3 v PRODUCT DOCUMENTATION Table 2 lists the documents that provide a complete description of the DSP56004 and are required to design properly with the part. Documentation is available from a local Motorola distributor, a Motorola semiconductor sales office, a Motorola Literature Distribution Center, or through the Motorola DSP home page on the Internet (the source for the latest information). Table 2 DSP56004 Documentation Document Name Description of Content Order Number DSP56000 Family Manual DSP56000 core family architecture and the 24-bit core processor and instruction set DSP56KFAMUM/AD DSP56004 User’s Manual Memory, peripherals, and interfaces DSP56004UM/AD DSP56004 Technical Data Electrical and timing specifications, and pin and package descriptions DSP56004/D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |