データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M48T86PC1 データシート(PDF) 35 Page - STMicroelectronics

部品番号 M48T86PC1
部品情報  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86PC1 データシート(HTML) 35 Page - STMicroelectronics

Back Button M48T86PC1 Datasheet HTML 28Page - STMicroelectronics M48T86PC1 Datasheet HTML 29Page - STMicroelectronics M48T86PC1 Datasheet HTML 30Page - STMicroelectronics M48T86PC1 Datasheet HTML 31Page - STMicroelectronics M48T86PC1 Datasheet HTML 32Page - STMicroelectronics M48T86PC1 Datasheet HTML 33Page - STMicroelectronics M48T86PC1 Datasheet HTML 34Page - STMicroelectronics M48T86PC1 Datasheet HTML 35Page - STMicroelectronics M48T86PC1 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
M48T86
Revision history
35/36
Revision history
Table 21.
Document revision history
Date
Revision
Changes
Mar-1999
1.0
First Issue
04-May-2000
1.1
Page layout changed
31-Jul-2001
2.0
Reformatted; temp/voltage info. added to tables (Table 12, 2, 13,14)
20-May-2002
2.1
Modify reflow time and temperature footnotes (Table 9)
01-Apr-2003
3.0
V2.2 template applied; test condition updated (Table 14 )
02-Apr-2004
4.0
Reformatted; update Lead-free package information (Table 9,19)
20-Feb-2007
5.0
Update cover page (features) and Section : Operation on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36