データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF90ABPT データシート(PDF) 37 Page - STMicroelectronics

部品番号 LF90ABPT
部品情報  Very low drop voltage regulators with inhibit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF90ABPT データシート(HTML) 37 Page - STMicroelectronics

Back Button LF90ABPT Datasheet HTML 33Page - STMicroelectronics LF90ABPT Datasheet HTML 34Page - STMicroelectronics LF90ABPT Datasheet HTML 35Page - STMicroelectronics LF90ABPT Datasheet HTML 36Page - STMicroelectronics LF90ABPT Datasheet HTML 37Page - STMicroelectronics LF90ABPT Datasheet HTML 38Page - STMicroelectronics LF90ABPT Datasheet HTML 39Page - STMicroelectronics LF90ABPT Datasheet HTML 40Page - STMicroelectronics LF90ABPT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
LF00 series
Package mechanical data
37/46
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46