| データシートサーチシステム |
|
STTH1502D データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1502D データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 10 page ![]() Package information STTH1502 8/10 In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Table 7. TO-220AC Ins. dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 B 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 C 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.72 0.094 0.107 e 4.80 5.40 0.189 0.212 F 6.20 6.60 0.244 0.259 ØI 3.75 3.85 0.147 0.151 I4 15.80 16.40 16.80 0.622 0.646 0.661 L 2.65 2.95 0.104 0.116 l2 1.14 1.70 0.044 0.066 M2.60 0.102 C b2 c2 F Ø I L A a1 a2 B e b1 I4 l2 c1 M |