| データシートサーチシステム |
|
STM706PDS6E データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706PDS6E データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 26 page ![]() STM706T/S/R; STM706P; STM708T/S/R 18/26 DC AND AC PARAMETERS This section summarizes the operating measure- ment conditions, and the DC and AC characteris- tics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 5, Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 5. Operating and AC Measurement Conditions Figure 27. AC Testing Input/Output Waveforms Figure 28. Power-fail Comparator Waveform Parameter STM70x Unit VCC Supply Voltage 1.0 to 5.5 V Ambient Operating Temperature (TA) –40 to 85 °C Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Ref. Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI08860a VCC VRST trec RST PFO |