| データシートサーチシステム |
|
STM706PDS6F データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM706PDS6F データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 26 page ![]() 21/26 STM706T/S/R; STM706P; STM708T/S/R PACKAGE MECHANICAL Figure 31. SO8 – 8-lead Plastic Small Outline, 150 mils body width, Package Mechanical Note: Drawing is not to scale. Table 7. SO8 – 8-lead Plastic Small Outline, 150 mils body width, Package Mechanical Data Symb mm inches Typ Min Max Typ Min Max A – 1.35 1.75 – 0.053 0.069 A1 – 0.10 0.25 – 0.004 0.010 B – 0.33 0.51 – 0.013 0.020 C – 0.19 0.25 – 0.007 0.010 D – 4.80 5.00 – 0.189 0.197 ddd – –0.10– – 0.004 E – 3.80 4.00 – 0.150 0.157 e1.27– – 0.050 – – H – 5.80 6.20 – 0.228 0.244 h – 0.25 0.50 – 0.010 0.020 L – 0.40 0.90 – 0.016 0.035 α –0° 8° – 0° 8° N8 8 SO-A E 8 ddd B e A D C L A1 α 1 H h x 45˚ A2 |