データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSM111CD データシート(PDF) 16 Page - STMicroelectronics

部品番号 TSM111CD
部品情報  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111CD データシート(HTML) 16 Page - STMicroelectronics

Back Button TSM111CD Datasheet HTML 9Page - STMicroelectronics TSM111CD Datasheet HTML 10Page - STMicroelectronics TSM111CD Datasheet HTML 11Page - STMicroelectronics TSM111CD Datasheet HTML 12Page - STMicroelectronics TSM111CD Datasheet HTML 13Page - STMicroelectronics TSM111CD Datasheet HTML 14Page - STMicroelectronics TSM111CD Datasheet HTML 15Page - STMicroelectronics TSM111CD Datasheet HTML 16Page - STMicroelectronics TSM111CD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TSM111
16/17
PACKAGE MECHANICAL DATA
20 PINS - PLASTIC DIP
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17