データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGP10NB60S データシート(PDF) 11 Page - STMicroelectronics

部品番号 STGP10NB60S
部品情報  N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NB60S データシート(HTML) 11 Page - STMicroelectronics

Back Button STGP10NB60S_05 Datasheet HTML 5Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 6Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 7Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 8Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 9Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 10Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 11Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 12Page - STMicroelectronics STGP10NB60S_05 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
STGP10NB60S - STGP10NB60SFP - STGB10NB60S
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0.075
0.082
R
50
1.574
T
0.25
0.35
0.0098 0.0137
W
23.7
24.3
0.933
0.956
TAPE MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13