| データシートサーチシステム |
|
M58LR128HT データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58LR128HT データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 112 page ![]() DC and AC parameters M58LR128HT, M58LR128HB 64/112 Figure 12. Single Synchronous Read AC waveforms 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low. 2. Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock signal, K, can be configured as the active edge. Here, the active edge is the rising one. Ai12360b E G A0-A22 L WAIT(1) K(2) VALID ADDRESS tGLQV tAVKH tLLKH tELKH Hi-Z tELQX tKHQV tGLQX tKHTV DQ0-DQ15 VALID Hi-Z tELQV tGLTV tGHTZ |