データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VV6501 データシート(PDF) 7 Page - STMicroelectronics

部品番号 VV6501
部品情報  VGA CMOS Color Image Sensor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6501 データシート(HTML) 7 Page - STMicroelectronics

Back Button VV6501 Datasheet HTML 3Page - STMicroelectronics VV6501 Datasheet HTML 4Page - STMicroelectronics VV6501 Datasheet HTML 5Page - STMicroelectronics VV6501 Datasheet HTML 6Page - STMicroelectronics VV6501 Datasheet HTML 7Page - STMicroelectronics VV6501 Datasheet HTML 8Page - STMicroelectronics VV6501 Datasheet HTML 9Page - STMicroelectronics VV6501 Datasheet HTML 10Page - STMicroelectronics VV6501 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7/60
VV6501
Device Pinout
2.2
Pin description
Table 1: Pin description
Pin Number
Pin Name
Pin Type
Description
Digital regulators
1
VBASE3V3
PWR
3.3 V digital regulator
(connect to external PNP base)
2
VDIG3V3
PWR
3.3 V digital regulator
(connect to external PNP collector)
3
VBASE1V8
PWR
1.8 V digital regulator
(connect to external PNP base)
4
VDIG1V8
PWR
1.8 V digital regulator
(connect to external PNP collector)
Digital inputs/outputs
5
PDVREG1V8
PWR
1.8 V reg power down signal
1 - Regulator powered down
0 - Regulator powered up
6
GNDS
PWR
Connect to GND
7
PORB
O
Power on reset signal (active low)
8
SUSPEND
I
Sensor suspend input signal (active high) with
Schmitt buffer
9
TEST
I
Input pin with Schmitt buffer. Connect to GND
10
VDD
PWR
Digital IO supply 3.3 V
11
GND
PWR
Digital ground
12
SDA
IO
Bidirectional I2C pin
13
SCL
IO
Bidirectional I2C pin. I2C clock line
14
CLKIN
I
Input clock pin with Schmitt buffer
15
FST
O
FST signal (active high). 2 mA output pad
16
QCLK
O
Sensor data qualifying clock. 4 mA output pad
17
D0
O
D0 signal (data bus, bit 0). 4 mA output pad
18
D1
O
D1 signal (data bus, bit 1). 4 mA output pad
19
VDD
PWR
Digital IO supply 3.3V
20
GND
PWR
Digital IO/core source ground
21
D2
O
D2 signal (data bus, bit 2). 4 mA output pad
22
D3
O
D3 signal (data bus, bit 3). 4 mA output pad
23
D4
O
D4 signal (data bus, bit 4). 4 mA output pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60