データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP31A データシート(PDF) 7 Page - STMicroelectronics

部品番号 TIP31A
部品情報  Power transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31A データシート(HTML) 7 Page - STMicroelectronics

Back Button TIP31A Datasheet HTML 2Page - STMicroelectronics TIP31A Datasheet HTML 3Page - STMicroelectronics TIP31A Datasheet HTML 4Page - STMicroelectronics TIP31A Datasheet HTML 5Page - STMicroelectronics TIP31A Datasheet HTML 6Page - STMicroelectronics TIP31A Datasheet HTML 7Page - STMicroelectronics TIP31A Datasheet HTML 8Page - STMicroelectronics TIP31A Datasheet HTML 9Page - STMicroelectronics TIP31A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TIP31A
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10