| データシートサーチシステム |
|
IP101G-DS-R01 データシート(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IP101G-DS-R01 データシート(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 65 page ![]() IP101G Data Sheet 31/65 January 14, 2014 Copyright © 2011, IC Plus Corp. IP101G-DS-R01 4.4 MMD Data Register MMD register 3.0 Page MII ROM R/W Description Default PCS Control 1 Register -- 3.0[15:11] RO Reserved Ignore when read 0 -- 3.0.10 R/W Clock stop enable 1 = IP101G may stop xMII Rx clock during LPI 0 = Clock not stoppable 0 -- 3.0[9:0] RO Reserved Ignore when read 0 MMD register 3.1 page MII ROM R/W Description Default PCS Status 1 Register -- 3.1[15:12] RO Reserved Ignore when read 0 -- 3.1.11 RO/LH Tx LPI received 1 = Tx PCS has received LPI 0 = LPI not received 0 -- 3.1.10 RO/LH Rx LPI received 1 = Rx PCS has received LPI 0 = LPI not received 0 -- 3.1.9 RO Tx LPI indication 1 = Tx PCS is currently receiving LPI 0 = PCS is not currently receiving LPI 0 -- 3.1.8 RO Rx LPI indication 1 = Rx PCS is currently receiving LPI 0 = PCS is not currently receiving LPI 0 -- 3.1.7 RO Reserved Ignore on read 0 -- 3.1.6 RO Clock stop capable 1 = The MAC may stop the clock during LPI 0 = Clock not stoppable 0 -- 3.1[5:0] RO Reserved Ignore when read 0 MMD register 3.20 page MII ROM R/W Description Default EEE Capability Register -- 3.20[15:7] RO Reserved Ignore when read 0 |