データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAP005 データシート(PDF) 31 Page - STMicroelectronics

部品番号 DAP005
部品情報  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DAP005 データシート(HTML) 31 Page - STMicroelectronics

Back Button DAP005 Datasheet HTML 27Page - STMicroelectronics DAP005 Datasheet HTML 28Page - STMicroelectronics DAP005 Datasheet HTML 29Page - STMicroelectronics DAP005 Datasheet HTML 30Page - STMicroelectronics DAP005 Datasheet HTML 31Page - STMicroelectronics DAP005 Datasheet HTML 32Page - STMicroelectronics DAP005 Datasheet HTML 33Page - STMicroelectronics DAP005 Datasheet HTML 34Page - STMicroelectronics DAP005 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
DAP005
Brownout protection
31/39
If this is not the case or it is not possible to achieve a start-up delay long enough (because
this prevents the DC-DC stage from starting up correctly) or, simply, the PWM controller is
devoid of soft start, the arrangement of Figure 45 lets the DC-DC converter start up when
the voltage generated by the PFC stage reaches a preset value. The technique relies on the
UVLO thresholds of the PWM controller.
In table 5 it is possible to find a summary of all of the above mentioned working conditions
that cause the device to stop operating.
Figure 44. Interface circuits that let the switch on or off a PWM controller
Figure 45. Interface circuits for actual power-up sequencing (master PFC)
DAP005
DAP005
DAP01A
DAP015
DAP015
DAP01A
DAP015
AC_OK
DAP005
AC_OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39