| データシートサーチシステム |
|
M45PE16 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M45PE16 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 45 page ![]() M45PE16 Instructions 29/45 6.10 Sector Erase (SE) The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL). The Sector Erase (SE) instruction is entered by driving Chip Select (S) Low, followed by the instruction code, and three address bytes on Serial Data Input (D). Any address inside the Sector (see Table 3) is a valid address for the Sector Erase (SE) instruction. Chip Select (S) must be driven Low for the entire duration of the sequence. The instruction sequence is shown in Figure 15. Chip Select (S) must be driven High after the eighth bit of the last address byte has been latched in, otherwise the Sector Erase (SE) instruction is not executed. As soon as Chip Select (S) is driven High, the self-timed Sector Erase cycle (whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is complete, the Write Enable Latch (WEL) bit is reset. A Sector Erase (SE) instruction applied to a sector that contains a page that is Hardware Protected is not executed. Any Sector Erase (SE) instruction, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure 15. Sector Erase (SE) instruction sequence 1. Address bits A23 to A21 are Don’t Care. 24 Bit Address C D AI03751D S 2 1 3456789 29 30 31 Instruction 0 23 22 2 0 1 MSB |