データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M459E16VMP6G データシート(PDF) 9 Page - STMicroelectronics

部品番号 M459E16VMP6G
部品情報  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M459E16VMP6G データシート(HTML) 9 Page - STMicroelectronics

Back Button M459E16VMP6G Datasheet HTML 5Page - STMicroelectronics M459E16VMP6G Datasheet HTML 6Page - STMicroelectronics M459E16VMP6G Datasheet HTML 7Page - STMicroelectronics M459E16VMP6G Datasheet HTML 8Page - STMicroelectronics M459E16VMP6G Datasheet HTML 9Page - STMicroelectronics M459E16VMP6G Datasheet HTML 10Page - STMicroelectronics M459E16VMP6G Datasheet HTML 11Page - STMicroelectronics M459E16VMP6G Datasheet HTML 12Page - STMicroelectronics M459E16VMP6G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
M45PE16
Signal description
9/45
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45