| データシートサーチシステム |
|
62200421 データシート(PDF) 4 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
62200421 データシート(HTML) 4 Page - Lapp. |
|
4 / 7 page ![]() 6220 0421 DATA SHEET Valid from: 17.05.2018 Cable Trolley C-Rail (C30 / C40) Document: DB62200421EN Version: 00 Page 4 of 7 Description Part No. Max. Cable measure mm Measures mm Weight kg Image Drawing Towing trolley flat C40 35x72 Part No. 62200447 35 x 72 L = 200 D = 125 B1 = 100 B2 = 72 1,65 Towing trolley flat C40 35x97 Part No. 62200458 35 x 97 L = 200 D = 125 B1 = 125 B2 = 97 1,85 Towing trolley flat C40 35x132 Part No. 62200466 35 x 132 L = 200 D = 125 B1 = 160 B2 = 132 2,10 End clamp flat C40 22x52 Part No. 62200484 22 x 52 L = 111 D = 80 B1 = 80 B2 = 52 0,65 End clamp flat C40 22x72 Part No. 62200485 22 x 72 L = 111 D = 80 B1 = 100 B2 = 72 0,70 End clamp flat C40 22x97 Part No. 62200417 22 x 97 L = 111 D = 80 B1 = 125 B2 = 97 0,80 End clamp flat C40 22x132 Part No. 62200486 22 x 132 L = 111 D = 80 B1 = 160 B2 = 132 0,95 End clamp flat C40 35x72 Part No. 62200448 35 x 72 L = 171 D = 125 B1 = 100 B2 = 72 0,70 End clamp flat C40 35x97 Part No. 62200459 35 x 97 L = 171 D = 125 B1 = 125 B2 = 97 0,80 End clamp flat C40 35x132 Part No. 62204504 35 x 132 L = 171 D = 125 B1 = 160 B2 = 132 0,90 Cable Trolley Round Cable C30-Rail Cable trolley round C30 Part No. 62200434 L = 80 0,26 Towing trolley round C30 Part No. 62200435 L = 125 0,57 |