| データシートサーチシステム |
|
M29F040B データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F040B データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 20 page ![]() M29F040B 12/20 Table 10. DC Characteristics (TA = 0 to 70°C, –40 to 85°C or –40 to 125°C) Note: 1. Sampled only, not 100% tested. 2. TA = 25 °C, VCC = 5V. Symbol Parameter Test Condition Min Typ. (2) Max Unit ILI Input Leakage Current 0V ≤VIN ≤VCC ±1 µA ILO Output Leakage Current 0V ≤VOUT ≤VCC ±1 µA ICC1 Supply Current (Read) E = VIL, G = VIH, f = 6MHz 715 mA ICC2 Supply Current (Standby) TTL E = VIH 1mA ICC3 Supply Current (Standby) CMOS E = VCC ±0.2V 30 100 µA ICC4 (1) Supply Current (Program/Erase) Program/Erase Controller active 20 mA VIL Input Low Voltage –0.5 0.8 V VIH Input High Voltage 2 VCC +0.5 V VOL Output Low Voltage IOL = 5.8mA 0.45 V VOH Output High Voltage TTL IOH = –2.5mA 2.4 V Output High Voltage CMOS IOH = –100µA VCC –0.4 V VID Identification Voltage 11.5 12.5 V IID Identification Current A9 = VID 100 µA VLKO (1) Program/Erase Lockout Supply Voltage 3.2 4.2 V |