データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P16-VMP6TG データシート(PDF) 9 Page - STMicroelectronics

部品番号 M25P16-VMP6TG
部品情報  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6TG データシート(HTML) 9 Page - STMicroelectronics

Back Button M25P16-VMP6TG Datasheet HTML 5Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 6Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 7Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 8Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 9Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 10Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 11Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 12Page - STMicroelectronics M25P16-VMP6TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
M25P16
Signal description
9/55
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55