データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FST3400 データシート(PDF) 2 Page - ON Semiconductor

部品番号 74FST3400
部品情報  4?묪it, 4?뭁ort Bus Exchange Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3400 データシート(HTML) 2 Page - ON Semiconductor

  74FST3400 Datasheet HTML 1Page - ON Semiconductor 74FST3400 Datasheet HTML 2Page - ON Semiconductor 74FST3400 Datasheet HTML 3Page - ON Semiconductor 74FST3400 Datasheet HTML 4Page - ON Semiconductor 74FST3400 Datasheet HTML 5Page - ON Semiconductor 74FST3400 Datasheet HTML 6Page - ON Semiconductor 74FST3400 Datasheet HTML 7Page - ON Semiconductor 74FST3400 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74FST3400
http://onsemi.com
2
Figure 2. Logic Diagram
BX0
BX2
BE
BX3
BX1
C1
D1
C2
D2
C3
D3
C0
A3
B3
A2
B2
A1
B1
A0
B0
D0
ORDERING INFORMATION
Device
Package
Shipping†
74FST3400DW
SOIC−24
30 Units / Rail
74FST3400DWR2
SOIC−24
1000 / Tape & Reel
74FST3400DT
TSSOP−24*
(Pb−Free)
62 Units / Rail
74FST3400DTR2
TSSOP−24*
(Pb−Free)
2500 / Tape & Reel
74FST3400QS
QSOP−24
55 Units / Rail
74FST3400QSR
QSOP−24
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.



Html Pages

1 2 3 4 5 6 7 8