| データシートサーチシステム |
|
74FST6800QS データシート(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST6800QS データシート(HTML) 5 Page - ON Semiconductor |
|
5 / 6 page ![]() 74FST6800 http://onsemi.com 5 PACKAGE DIMENSIONS SOIC−24 D SUFFIX CASE 751E−04 ISSUE E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. −A− −B− P 12X D 24X 12 13 24 1 M 0.010 (0.25) B M S A M 0.010 (0.25) B S T −T− G 22X SEATING PLANE K C R X 45_ M F J DIM MIN MAX MIN MAX INCHES MILLIMETERS A 15.25 15.54 0.601 0.612 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.41 0.90 0.016 0.035 G 1.27 BSC 0.050 BSC J 0.23 0.32 0.009 0.013 K 0.13 0.29 0.005 0.011 M 0 8 0 8 P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029 _ _ _ _ TSSOP−24 DT SUFFIX CASE 948H−01 ISSUE A DIM MIN MAX MIN MAX INCHES MILLIMETERS A 7.70 7.90 0.303 0.311 B 4.30 4.50 0.169 0.177 C −−− 1.20 −−− 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.27 0.37 0.011 0.015 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. __ _ _ S U 0.15 (0.006) T 2X L/2 S U M 0.10 (0.004) V S T L −U− SEATING PLANE 0.10 (0.004) −T− SECTION N−N DETAIL E J J1 K K1 DETAIL E F M −W− 0.25 (0.010) 13 24 12 1 PIN 1 IDENT. H G A D C B S U 0.15 (0.006) T −V− 24X REF K N N |