データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBV32 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STBV32
部品情報  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV32 データシート(HTML) 6 Page - STMicroelectronics

  STBV32_05 Datasheet HTML 1Page - STMicroelectronics STBV32_05 Datasheet HTML 2Page - STMicroelectronics STBV32_05 Datasheet HTML 3Page - STMicroelectronics STBV32_05 Datasheet HTML 4Page - STMicroelectronics STBV32_05 Datasheet HTML 5Page - STMicroelectronics STBV32_05 Datasheet HTML 6Page - STMicroelectronics STBV32_05 Datasheet HTML 7Page - STMicroelectronics STBV32_05 Datasheet HTML 8Page - STMicroelectronics STBV32_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STBV32
6/9
DIM.
mm.
MIN.
TYP
MAX.
A
4.32
4.95
b
0.36
0.51
D
4.45
4.95
E
3.30
3.94
e
2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R
2.16
2.41
S1
0.92
1.52
W
0.41
0.56
V5 O
TO-92 BULK SHIPMENT MECHANICAL DATA
0102782 C



Html Pages

1 2 3 4 5 6 7 8 9