データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBV32-AP データシート(PDF) 7 Page - STMicroelectronics

部品番号 STBV32-AP
部品情報  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV32-AP データシート(HTML) 7 Page - STMicroelectronics

  STBV32-AP Datasheet HTML 1Page - STMicroelectronics STBV32-AP Datasheet HTML 2Page - STMicroelectronics STBV32-AP Datasheet HTML 3Page - STMicroelectronics STBV32-AP Datasheet HTML 4Page - STMicroelectronics STBV32-AP Datasheet HTML 5Page - STMicroelectronics STBV32-AP Datasheet HTML 6Page - STMicroelectronics STBV32-AP Datasheet HTML 7Page - STMicroelectronics STBV32-AP Datasheet HTML 8Page - STMicroelectronics STBV32-AP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STBV32
7/9
DIM.
mm.
MIN.
TYP
MAX.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1,F2
2.44
2.54
2.94
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.70
6.00
6.30
W1
8.50
9.00
9.25
W2
0.50
H
18.50
20.50
H0
15.50
16.00
16.50
H1
25.00
D0
3.80
4.00
4.20
t
0.90
L
11.00
I1
3.00
delta P
-1.00
1.00
TO-92 AMMOPACK SHIPMENT (Suffix”-AP”) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9