データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST485ECN データシート(PDF) 14 Page - STMicroelectronics

部品番号 ST485ECN
部品情報  ±15KV ESD protected, low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ECN データシート(HTML) 14 Page - STMicroelectronics

Back Button ST485ECN Datasheet HTML 10Page - STMicroelectronics ST485ECN Datasheet HTML 11Page - STMicroelectronics ST485ECN Datasheet HTML 12Page - STMicroelectronics ST485ECN Datasheet HTML 13Page - STMicroelectronics ST485ECN Datasheet HTML 14Page - STMicroelectronics ST485ECN Datasheet HTML 15Page - STMicroelectronics ST485ECN Datasheet HTML 16Page - STMicroelectronics ST485ECN Datasheet HTML 17Page - STMicroelectronics ST485ECN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package mechanical data
ST485E
14/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19