データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9027PRO データシート(PDF) 29 Page - ESS Technology,Inc

部品番号 ES9027PRO
部品情報  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO データシート(HTML) 29 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 25Page - ESS Technology,Inc ES9027PRO Datasheet HTML 26Page - ESS Technology,Inc ES9027PRO Datasheet HTML 27Page - ESS Technology,Inc ES9027PRO Datasheet HTML 28Page - ESS Technology,Inc ES9027PRO Datasheet HTML 29Page - ESS Technology,Inc ES9027PRO Datasheet HTML 30Page - ESS Technology,Inc ES9027PRO Datasheet HTML 31Page - ESS Technology,Inc ES9027PRO Datasheet HTML 32Page - ESS Technology,Inc ES9027PRO Datasheet HTML 33Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
29
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Absolute Maximum Ratings
Table 7 – Absolute Maximum Ratings
WARNING: Stresses beyond those listed under here may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any
other conditions beyond those indicated under Recommended Operating Conditions is not implied.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
IO Electrical Characteristics
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
COMMENTS
High-level input voltage
VIH
(AVDD / 2) + 0.4
V
Low-level input voltage
VIL
0.4
V
High-level output voltage
VOH
AVDD – 0.2
V
Low-level output voltage
VOL
0.2
V
Table 8 – IO electrical characteristics
PARAMETER
RATING
Positive Supply Voltage
•
AVCC_L
•
AVCC_R
•
AVDD
•
VCCA
•
DVDD
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+3.7V with respect to Ground
•
+1.4V with respect to Ground
Storage temperature
–65
C to +150C
Operating Junction Temperature
+125
C
Voltage range for digital input pins
–0.3V to AVDD(nom)+0.3V
ESD Protection
Human Body Model (HBM)
Charge Device Model (CDM)
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89