| データシートサーチシステム |
|
ES9822QPRO データシート(PDF) 59 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9822QPRO データシート(HTML) 59 Page - ESS Technology,Inc |
|
59 / 126 page ![]() 0.3 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 59 ES9822 PRO Product Datasheet Register 18: PCM DATA OUTPUT MAPPING Bits [7:4] [3:2] [1:0] Default 4'd5 2'd1 2'd0 Bits Mnemonic Description [7:4] RESERVED NA [3:2] OUTPUT_MAPPING_CH2 Re-maps Ch2 PCM data output from either Ch1 or Ch2 ADC decimation paths or ASP outputs (when ASP is enabled). • 2'd0: Ch2 PCM data output is from ADC decimation path Ch1 or ASP output Ch1 • 2'd1: Ch2 PCM data output is from ADC decimation path Ch2 or ASP output Ch2 (default) • 2'd2: Reserved • 2'd3: Reserved [1:0] OUTPUT_MAPPING_CH1 Re-maps Ch1 PCM data output from either Ch1 or Ch2 ADC decimation paths or ASP outputs (when ASP is enabled). • 2'd0: Ch1 PCM data output is from ADC decimation path Ch1 or ASP output Ch1 (default) • 2'd1: Ch1 PCM data output is from ADC decimation path Ch2 or ASP output Ch2 • 2'd2: Reserved • 2'd3: Reserved Register 19: DSD DATA OUTPUT MAPPING Bits [7:4] [3:2] [1:0] Default 4'd5 2'd1 2'd0 Bits Mnemonic Description [7:4] RESERVED NA [3:2] DSD_MAPPING_CH2 Re-maps Ch2 DSD data output from either Ch1 or Ch2 the ADC decimation paths. • 2'd0: Ch2 DSD data output is from ADC decimation path Ch1 • 2'd1: Ch2 DSD data output is from ADC decimation path Ch2 (default) • 2'd2: Reserved • 2'd3: Reserved [1:0] DSD_MAPPING_CH1 Re-maps Ch1 DSD data output from either Ch1 or Ch2 of the ADC decimation paths. • 2'd0: Ch1 DSD data output is from ADC decimation path Ch1 (default) • 2'd1: Ch1 DSD data output is from ADC decimation path Ch2 • 2'd2: Reserved • 2'd3: Reserved |