データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT83C23OK データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT83C23OK
部品情報  CardMan Smart@Link
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK データシート(HTML) 2 Page - ATMEL Corporation

  AT83C23OK Datasheet HTML 1Page - ATMEL Corporation AT83C23OK Datasheet HTML 2Page - ATMEL Corporation AT83C23OK Datasheet HTML 3Page - ATMEL Corporation AT83C23OK Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT83C23OK
4306BS–SCR–05/04
Description
Smart Cards are increasingly being used for Payments, Home-Banking, Access Control,
Internet Security, PKItokens, Health Care, Loyalty, etc.
The CardMan Smart@Link chip set is a ready to use precertified smart card reader inter-
face to be implemented into USB hosts. It facilitates the hardware integrators in
reducing time-to-market and offers a unique opportunity to quickly and easily include
smart card reader functionality in systems like PCs, Notebooks, Keyboards, Smart Card
based Dongles, Monitors, Mice, PDAs, Thin Clients, Biometric devices etc. The already
existing certifications and compliances guarantee a fast and easy certification process.
With its high performance Smart Card Interface CardMan Smart@Link supports smart-
card technology of the future.
The integration in any USB system can be easily done without any firmware or software
(driver) development, simply by embedding the CardMan Smart@Link design and
chipset into the target system. The USB CCID support makes this process the easiest
ever by connecting host and Smart Card Reader systems without the need of additional
drivers.
CardMan Smart@Link is based on Atmel’s AT83C5123 microcontroller. The above fea-
tures make the CardMan Smart@Link the perfect answer to the increasing demands of
many applications.



Html Pages

1 2 3 4