| データシートサーチシステム |
|
M7085L-SM1-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
M7085L-SM1-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 8 page ![]() M7085 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 8 www.unisonic.com.tw QW-R502-092,A PIN CONFIGURATION SGND ISENSE NC FB ADJ PGND PGATE VIN 1 2 3 4 6 7 8 5 PIN DESCRIPTION PIN NO PIN NAME DESCRIPTION 1 ISENSE The over-current protection input pin that be connected to Drain node of the external P- Channel. 2 SGND Signal ground. 3 NC No connection. 4 FB The feedback voltage input. 5 ADJ The over-current protection input pin that adjust current limit threshold. 6 PGND Power ground. 7 GATE Driver pin to Gate of the external P-Channel. PGATE swings between VIN and VIN-5V. 8 VIN Power supply |