データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UT912DL-S20-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 UT912DL-S20-R
部品情報  DECODERS FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912DL-S20-R データシート(HTML) 3 Page - Unisonic Technologies

  UT912DL-S20-R Datasheet HTML 1Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 2Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 3Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 4Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 5Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 6Page - Unisonic Technologies UT912DL-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UT912D
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R502-044,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +13
V
Input Voltage
VIN
Vss-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, VDD=5V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VOPR
2.4
5
12
V
VDD=5V
0.1
1
Standby Current
ISTN-BY
Oscillator stops
VDD=12V
2
4
μ
A
Operating Current
IOPR
No load, fOSC=150kHz, VDD=5V
159
400
μ
A
VOH=4.5V (Source)
-1
-1.99
Data Output Current (D8~D11)
IDOUT
VDD=5V
VOL=0.5V (Sink)
1
1.9
mA
VOH=4.5V (Source)
-1
-1.564
VT Output Current
IVT
VDD=5V
VOL=0.5V (Sink)
1
1.53
mA
High
VIH
3.5
5
V
Input Voltage
Low
VIL
0
1
V
Oscillator Frequency
fosc
Rosc=1.1MΩ, VDD=5V
149
kHz



Html Pages

1 2 3 4 5 6 7