| データシートサーチシステム |
|
2SB1132-R-TN3-T データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB1132-R-TN3-T データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() 2SB1132 PNP SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R208-016,B TYPICAL CHARACTERISTICS 0 -0.2 -500 -1 Base to Emitter Voltage, VBE(V) Grounded Emitter Propagation Characteristics -200 -1 -2 -5 -10 -20 200 50 Collector Current, Ic(mA) DC Current Gain vs. Collector Current(Ⅰ) 100 -0.4 -0.6 -0.8 -1.6 -1.4 -1.2 -1.0 -2 -5 -10 VCE =-6V Ta=100℃ Ta=25℃ Ta= -55℃ 0 -500 0 Collector to Emitter Voltage, VCE(V) Grounded Emitter Output Characteristics -100 -0.4 -0.8 -1.6 -2.0 -1.2 -200 -300 -400 -2.0 IB =0mA Ta=25℃ -2.5 -1.5 -1.0 -0.5 -3.0 -3.5 -4.0 -4.5 -5.0 -50-100-200-500-1000 500 1000 Ta=25℃ VcE= -3V VcE= -1V -1 -2 -5 -10 -20 200 50 Collector Current :Ic(mA) DC Current Gain vs.Collector Current (Ⅱ) 100 -50-100-200-500-1000 500 1000 VcE= -3V Ta=100℃ Ta=25℃ Ta= -55℃ -1 -2 -5 -10-20 -0.05 -0.01 Collector Current, Ic(mA) Collector-emitter Saturation Voltage vs. Collector Current -0.02 -50-100-200-500-1000 -0.1 -0.2 -2000 -0.5 -1 Ta=25℃ IC/IB=10 -1 -1.0 0 Base Current, IB(mA) Collector Emitter Saturation Voltage vs. Base Current -0.2 -2 -5 -20 -50 -10 -0.4 -0.6 -0.8 -100 Ta=25℃ IC = -500mA IC = -300mA -20 -50 -100 |