データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L2044-S14-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 L2044-S14-R
部品情報  DUAL OUTPUT FLASHER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2044-S14-R データシート(HTML) 3 Page - Unisonic Technologies

  L2044-S14-R Datasheet HTML 1Page - Unisonic Technologies L2044-S14-R Datasheet HTML 2Page - Unisonic Technologies L2044-S14-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L2044
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R123-015,A
ABSOLUATE MAXIUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage, 1 min, pins 5, 9 and 12
VCC
24
V
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
0℃~70℃
℃
Storage Temperature
TSTG
-40 ~ +150
℃
DIP-14
90
Thermal Resistance Junction to Ambient
SOP-14
θJA
120
℃
/W
Note 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS (VCC = 12V, Ta =25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage Range
VCC
Pins 5, 9, 12
8
18
V
VCC=8V
1.0
Saturation Voltage
VCC=12V
VOUT
RL=82Ω
1.2
V
Clamping Voltage
V12
Ta= -20℃ ~ 85℃
25.0
27.5
30.0
V
Relay output overvoltage detection (relay disabled)
V12
Ta= -20℃ ~ 85℃
18
20
22
V
Control signal threshold
VCC
VCC=9V
VCC=13.5V
VCC=16V
70.6
85.5
93.0
mV
Output current for relay driver
IOUT
Pins 11, 13
300
mA
Relay output reverse current
IOUT
Pins 11, 13
0.1
mA
Supply current, switches open
ICC
Pins 5, 9, 12
10
µA
Relay coil resistance
RL
Ω
Start delay
tON
First bright phase
10
ms
Tolerance of control signal threshold
VCC=9V~16V, Pin 8,
Ta= -20℃ ~ 85℃
-6
+6
%
Temperature coefficient of control signal Threshold
TCVO
VCC=13.5V, Pin 8
10
µV/K
TOLERANCES (VCC = 12V, Ta =25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Frequency determining resistor
R1
6.8
510
kΩ
Frequency determining capacitor
C1
47
µF
Frequency tolerance
△
f1
Normal flashing, basic frequency f1
excluding the tolerance of R1 and C1
-5
+5
%
△
f1
Basic frequency f1
47
53
Bright period
△
f2
Control frequency f2
37
45
%
Frequency increase
f2
Lamp failure
2.15×f1
2.3×f1
Hz
Lamp load
PL
1
W
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3