| データシートサーチシステム |
|
74ACT245 データシート(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT245 データシート(HTML) 9 Page - ON Semiconductor |
|
9 / 10 page ![]() MC74AC245, MC74ACT245 http://onsemi.com 9 PACKAGE DIMENSIONS TSSOP−20 DT SUFFIX CASE 948E−02 ISSUE C DIM A MIN MAX MIN MAX INCHES 6.60 0.260 MILLIMETERS B 4.30 4.50 0.169 0.177 C 1.20 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.27 0.37 0.011 0.015 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 __ _ _ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. 110 11 20 PIN 1 IDENT A B −T− 0.100 (0.004) C D G H SECTION N−N K K1 JJ1 N N M F −W− SEATING PLANE −V− −U− S U M 0.10 (0.004) V S T 20X REF K L L/2 2X S U 0.15 (0.006) T DETAIL E 0.25 (0.010) DETAIL E 6.40 0.252 −−− −−− S U 0.15 (0.006) T 7.06 16X 0.36 16X 1.26 0.65 DIMENSIONS: MILLIMETERS 1 PITCH *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* |