データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LR1102BL-50-AF5-R データシート(PDF) 10 Page - Unisonic Technologies

部品番号 LR1102BL-50-AF5-R
部品情報  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102BL-50-AF5-R データシート(HTML) 10 Page - Unisonic Technologies

Back Button LR1102BL-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 9Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 10Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 11Page - Unisonic Technologies LR1102BL-50-AF5-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R502-038,C
TYPICAL CHARACTERISTICS(Cont.)
4. Supply Current vs. Input Voltage
60
-2.0
Input Voltage Differencl, VI(DIFF) (V)
30
50
02.0
LR1102-XX
0
5.0
20
3.0
1.0
-1.0
10
40
4.0
TOPR = 25°C
5. Supply Current vs. Temperature
50
-50
Temperature, TOPR (℃)
35
45
0
LR1102-XX
20
100
30
50
25
40
VIN = VOUT+1V
6. Dropout Voltage vs. Set Output Voltage
1.0
0.4
1.0
Set Output Voltage, VREG (V)
0.5
0.9
0.6
4.0
LR1102-XX
0.1
0.0
5.0
0.3
0.8
3.0
2.0
0.2
0.7
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 30mA
IOUT = 10mA
TOPR = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12