| データシートサーチシステム |
|
LM2940L-12-TN3-R データシート(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2940L-12-TN3-R データシート(HTML) 9 Page - Unisonic Technologies |
|
9 / 11 page ![]() LM2940 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 9 of 11 www.unisonic.com.tw QW-R102-016.E TYPICAL CHARACTERISTICS (Cont.) 04 6 2 2 8 10 0 4 6 Input Voltage (V) 12 14 8 10 12 14 Low Voltage Behavior 06 3 39 12 0 6 Input Voltage (V) 15 18 9 12 15 18 Low Voltage Behavior IOUT=1A 06 3 39 12 0 6 Input Voltage (V) 15 18 9 12 15 18 Low Voltage Behavior -30 -10 0 0 -20 10 20 -2 2 4 Input Voltage (V) 30 40 6 8 10 12 Output at Voltage Extremes RO=100Ω VOUT=5V -30 -10 0 0 -20 10 20 -4 4 8 Input Voltage (V) 30 40 12 16 20 Output at Voltage Extremes VoUT=8V -30 -10 0 0 -20 10 20 -4 4 8 Input Voltage (V) 30 40 12 16 20 Output at Voltage Extremes VoUT=9V RO=100Ω RO=100Ω VOUT=10 V TJ=25℃ IOUT=1A VOUT=12 V TJ=25℃ IOUT=1A VOUT=15 V TJ=25℃ |