| データシートサーチシステム |
|
RB521S30L-CC2-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RB521S30L-CC2-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() RB521S30 DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-012,A ABSOLUTE MAXIMUM RATINGS (Single Diode @T A=25℃) PARAMETER SYMBOL RATINGS UNIT Maximum Reverse Voltage (DC) VR 30 V Average Rectified Forward Current IOUT 200 mA Non-repetitive Peak Forward Surge Current IFSM 1 A Junction Temperature TJ +125 ℃ Storage Temperature TSTG -40 ~ +125 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (T A=25℃, unless otherwise specified) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Forward Voltage Drop VF IF=200mA 0.5 V Reverse Leakage Current IR VR=10V 30 µA |