| データシートサーチシステム |
|
SK1901-AE3-4-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SK1901-AE3-4-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 8 page ![]() SK1901 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 8 www.unisonic.com.tw QW-R118-005,A ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply voltage VCC 2.5V ~ 20V V Supply current ICC 10 mA Circuit current Io 20 mA SIP-3 400 mW Power dissipation SOT-23 PD 200 mW Operating ambient temperature TOPR -20 ~ +125 ℃ Storage temperature TSTG -55 ~ +150 ℃ Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range and assured by design from -20℃~+125℃. MAGNETIC CHARACTERISTICS (over operating supply voltage range.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Operate Point BOP at Ta=+25℃ 100 G Release Point BRP at Ta=+25℃ 10 G Hysteresis BHYS at Ta=+25℃ 90 G |