| データシートサーチシステム |
|
TL062-S08-R データシート(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TL062-S08-R データシート(HTML) 6 Page - Unisonic Technologies |
|
6 / 8 page ![]() TL062 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 8 www.unisonic.com.tw QW-R105-003,,B ■ TYPICAL CHARACTERISTICS Maximum Peak-to-Peak Output Voltage vs. Supply Voltage Supply Voltage(V) RL = 10kΩ Ta = +25℃ See figure 2 30 2 20 10 5 15 25 4 6 8 1012 1416 0 Maximum Peak-to-Peak Output Voltage vs. Free Air Temp. Free Air Temperature (℃) VCC = ±15V RL = 10kΩ See figure 2 30 -50 20 10 5 15 25 -25 0 25 50 75 100 125 0 -75 Maximum Peak-to-Peak Output Voltage vs. Load Resistance Load Resistance(kΩ) 30 200 20 10 5 15 25 400 700 1k 2k 4k 7k 10k 0 Maximum Peak-to-Peak Output Voltage vs. Frequency Frequency (Hz) 30 20 10 5 15 25 10k 100k 1M 10M 0 1k VCC = ±15V Ta = +25℃ 100 VCC = ±15V RL = 10kΩ Ta = +25℃ See figure 2 VCC = ±12V VCC = ±2V VCC = ±5V Differential Voltage Amplification vs. Free Air Temperature Free Air Temperature (℃) 10 4 2 7 1 VCC = ±15V RL = 10kΩ -50 -25 0 25 50 75 100 125 -75 Input Bias Current vs. Free Air Temperature Free Air Temperature (℃) 100 10 0.1 25 50 100 125 0.01 0 -25 -50 75 VCC = ±15V 1 |