データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA8888SL-SH1-R データシート(PDF) 8 Page - Unisonic Technologies

部品番号 UA8888SL-SH1-R
部品情報  5-CHANNEL BTL DRIVER FOR DVD PLAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA8888SL-SH1-R データシート(HTML) 8 Page - Unisonic Technologies

  UA8888SL-SH1-R Datasheet HTML 1Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 2Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 3Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 4Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 5Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 6Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 7Page - Unisonic Technologies UA8888SL-SH1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UA8888S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R109-015,B
POWER DISSIPATION CURVE
2.0
1.5
1.0
25
50
75
100
125
150
Ta (℃)
1.7
0
* 70mm×70mm×1.6mm glass epoxy board.
* Reduced by 13.6mW /℃ for operating in above 25℃.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com