| データシートサーチシステム |
|
2SB1412L-TN3-B-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB1412L-TN3-B-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 5 page ![]() 2SB1412 PNP EPITAXIAL SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 5 www.unisonic.com.tw QW-R209-021,A ABSOLUTE MAXIMUM RATING (Ta=25°C , unless otherwise specified) PARAMETER SYMBOL LIMITS UNIT Collector-Base Voltage VCBO -30 V Collector-Emitter Voltage VCEO -20 V Emitter-Base Voltage VEBO -6 V Collector Current(DC) IC -5 A Collector Current(PULSE) Single pulse, Pw=10ms ICP -10 A Collector Power Dissipation PD 1 W Collector Power Dissipation (note2) PD 10(TC=25°C) W Junction Temperature TJ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2.When mounted on a 40*40*0.7mm ceramic board. ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Base Breakdown Voltage BVCBO IC= -50μA -30 V Collector Emitter Breakdown Voltage BVCEO IC= -1mA -20 V Emitter Base Breakdown Voltage BVEBO IE= -50μA -6 V Collector Cut-Off Current ICBO VCB= -20V -0.5 μA Emitter Cut-Off Current IEBO VEB= -5V -0.5 μA DC Current Transfer Ratio hFE VCE= -2V,Ic= -0.5A 82 390 Collector-Emitter Saturation Voltage VCE(SAT) IC/IB= -4A/-0.1A -1.0 V Transition Frequency fT VCE= -6V, IE= 50 mA, f=30MHz 120 MHz Output Capacitance Cob VCB= -20V, IE= 0 A, f=1MHz 60 pF CLASSIFICATION OF hFE RANK P Q R RANGE 82-180 120-270 180-390 |