データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV341 データシート(PDF) 22 Page - Texas Instruments

部品番号 TLV341
部品情報  TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV341 データシート(HTML) 22 Page - Texas Instruments

Back Button TLV341_V01 Datasheet HTML 18Page - Texas Instruments TLV341_V01 Datasheet HTML 19Page - Texas Instruments TLV341_V01 Datasheet HTML 20Page - Texas Instruments TLV341_V01 Datasheet HTML 21Page - Texas Instruments TLV341_V01 Datasheet HTML 22Page - Texas Instruments TLV341_V01 Datasheet HTML 23Page - Texas Instruments TLV341_V01 Datasheet HTML 24Page - Texas Instruments TLV341_V01 Datasheet HTML 25Page - Texas Instruments TLV341_V01 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV341AIDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV341AIDBVT
SOT-23
DBV
6
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV341AIDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TLV341AIDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TLV341IDBVR
SOT-23
DBV
6
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV341IDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TLV341IDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TLV341IDRLR
SOT-5X3
DRL
6
4000
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
TLV342AIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLV342IDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TLV342IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TLV342IRUGR
X2QFN
RUG
10
3000
179.0
8.4
1.75
2.25
0.65
4.0
8.0
Q1
TLV342SIRUGR
X2QFN
RUG
10
3000
179.0
8.4
1.75
2.25
0.65
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Jan-2022
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40