| データシートサーチシステム |
|
2SB649-C-AB3-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB649-C-AB3-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() 2SB649/A PNP SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R204-006,D TYPICAL CHARACTERISTICS IB=0 -0.5mA -1.0 -1.5 -2.0 -2 .5 -3. 0 -3. 5 -4 .0 TC=25℃ 0 -10 -20 -30 -40 -50 0.2 0.4 0.6 0.8 1.0 Typical Output Characteristecs Collector to Emitter Voltage, VCE (V) Base to Emitter Voltage, VBE (V) 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1 -10 -100 -500 VCE=-5V Typical Transfer Characteristics 25℃ -25 ℃ 1 50 100 150 200 250 300 -1 -10 -100 -1,000 Collector Current, IC (mA) DC Current Transfer Ratio vs. Collector Current Collector to Emitter Saturation Voltage vs. Collector Current -1 -10 -100 -1,000 Collector Current, IC (mA) 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 T C =7 5℃ IC=10 IB -25 350 VCE=-5V Ta= 75℃ TC=- 25℃ IC=10IB 25 75 1 3 10 30 100 300 1,000 0 0.2 0.4 0.6 0.8 1.0 1.2 CollectorCurrent, IC (mA) Base to Emitter Saturation Voltage vs. Collector Current 10 30 100 300 1,000 Collector Current, IC (mA) 0 40 80 120 160 200 240 Gain Bandwidth Product vs. Collector Current VCE=5V Ta=25℃ |