| データシートサーチシステム |
|
2SC2712L-G-AE3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC2712L-G-AE3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC2712 NPN SILICON TRANSISTOR 14www.unisonic.com.tw 1 of 4 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R206-029.B AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR FEATURES * High Voltage and High Current : VCEO=50V, IC=150mA (Max.) * Excellent hFE Linearity : hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.) * High hFE * Low Noise SOT-23 1 3 2 *Pb-free plating product number: 2SC2712L ORDERING INFORMATION Order Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing 2SC2712-x-AE3-R 2SC2712L-x-AE3-R SOT-23 E B C Tape Reel 2SC2712L-x-AE3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn MARKING LO LY LG LL 2SC2712-O 2SC2712-Y 2SC2712-G 2SC2712-L : Lead Plating |
同様の部品番号 - 2SC2712L-G-AE3-R |
|
同様の説明 - 2SC2712L-G-AE3-R |