| データシートサーチシステム |
|
2SC3648L-AB3-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC3648L-AB3-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 4 page ![]() 2SC3648 NPN EPITAXIAL SILICON TRANSISTOR UNISONIC TECHNOLOGIES CO., LTD 3 www.unisonic.com.tw QW-R208-038,A ■ TYPICAL CHARACTERICS 0 Collector to Emitter Voltage, VCE (mV) IC -VCE 1000 200 400 600 800 0 100 30mA 40mA 20mA 100mA 90mA 60mA 200 300 400 500 600 700 800 80mA 70mA 10mA 50mA IB=0 0 Collector to Emitter Voltage, VCE (V) IC -VCE 10 0 200 400 600 1000 800 0.5mA IB=0 1.5mA 2.0mA 2.5mA 3.0mA 3.5mA 4.0mA 20 30 40 50 60 70 80 1.0mA 0 Base to Emitter Voltage, VBE (V) IC -VBE 0.2 0 200 400 600 1000 800 0.4 0.6 0.8 1.0 1.2 VCE = 5V 10 Collector Current, IC (mA) hFE -IC 100 3 55 23 100 77 3 5 7 10 2 3 5 7 1000 2 VCE=2V 2 3 5 7 2 3 5 7 1000 VCE=5V VCE=10V Pulse 10 Collector Current, IC (mA) VCE(sat) -IC 2 100 35 5 23 1.0 77 3 5 7 0.1 23 5 7 1000 2 IC/IB=10 2 3 5 7 2 3 5 7 10 1.0 Collector to Base Voltage, VCB (V) Cob -VCB 10 5 23 100 7 1.0 23 5 7 100 2 3 5 7 2 10 2 3 5 7 F= 1MHZ |