| データシートサーチシステム |
|
BC850-X-AE3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BC850-X-AE3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 4 page ![]() BC846-BC850 NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R206-027,C ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified) PARAMETER SYMBOL VALUE UNIT BC846 80 V BC847 / BC850 50 V Collector-Base Voltage BC848 / BC849 VCBO 30 V BC846 65 V BC847 / BC850 45 V Collector-Emitter Voltage BC848 / BC849 VCEO 30 V BC846 / BC847 6 V Emitter-Base Voltage BC848 / BC849 / BC850 VEBO 5 V Collector Current (DC) Ic 100 mA SOT-23 310 mW Collector Dissipation SOT-323 PD 200 mW Junction Temperature TJ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Cut-Off Current ICBO VCB=30V, IE=0 15 nA DC Current Gain hFE VCE=5.0V, Ic=2.0mA 110 800 Ic=10mA,IB=0.5mA 90 250 mV Collector-Emitter Saturation Voltage VCE(SAT) Ic=100mA,IB=5.0mA 200 600 mV Ic=10mA,IB=0.5mA 700 mV Collector-Base Saturation Voltage VBE(SAT) Ic=100mA,IB=5.0mA 900 mV VCE=5.0V,Ic=2.0mA 580 660 700 mV Base-Emitter On Voltage VBE(ON) VCE=5.0V,Ic=10mA 720 mV Current Gain Bandwidth Product fT VCE=5.0V,Ic=10mA f=100MHz 300 MHz Output Capacitance Cob VCB=10V, IE=0, f=1.0MHz 3.5 6 pF Input Capacitance Cib VEB=0.5V, IC=0, f=1.0MHz 9 pF BC846/BC847/BC848 2 10 dB BC849/BC850 1.2 4 dB BC849 1.4 4 dB Noise Figure BC850 NF VCE=5V, Ic=200µA, f=1KHz, RG=2KΩ VCE=5V, IC=200µA, RG=2KΩ, f=30~15000Hz 1.4 3 dB CLASSIFICATION OF hFE RANK A B C RANGE 110-220 200-450 420-800 |