| データシートサーチシステム |
|
TDA7293V データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7293V データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 15 page ![]() 0.001 10 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 2100 510 20 50 Vs = +/-29V Rl = 4 Ohm f = 1KHz f = 20 KHz Pout (W ) T.H.D (%) Figure 9: Distortion vs Output Power 0.001 10 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 T.H.D (%) 2 100 510 20 50 Vs = +/-40V Rl = 8 Ohm f = 1KHz f = 20 KHz Pout (W) Figure 10: Distortion vs Output Power 20 25 30 35 40 45 50 Supply Voltage (+/-Vcc) 0 10 20 30 40 50 60 Dissipated Power for each device of the modular application 4ohm 8ohm Pd limit at Tcase=70°C Figure 13: Modular Application Pd vs Vsupply (ref. fig. 7) 20 25 30 35 40 45 50 Supply Voltage (+/-Vcc) 0 1 2 3 4 5 6 Forbidden Area Pd > 50Wat Tcase=70°C Figure 12: Modular Application Derating Rload vs Vsupply (ref. fig. 7) 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 Vs (+/-V) 0 10 20 30 40 50 60 70 80 90 100 110 120 Po (W) THD=0.5 % Rl=8 Ohm f= 1 KHz T.H.D.=10 % Figure 14: Output Power vs. Supply Voltage 00.1 1 10 100 Frequency (KHz) 0.001 0.01 0.1 1 10 T.H.D. (%) VS= +/- 35 V Rl= 8 Ohm Pout=100 mW Po=50 W Figure 11: Distortion vs Frequency TDA7293 12/15 |