| データシートサーチシステム |
|
81N36-H-AB3-I-R データシート(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81N36-H-AB3-I-R データシート(HTML) 6 Page - Unisonic Technologies |
|
6 / 15 page ![]() 81CXXX/81NXXX CMOS IC UNISONICTECHNOLOGIESCO.,LTD 6 of 15 www.unisonic.com.tw QW-R502-039,I ELECTRICAL CHARACTERISTICS(Cont.) Detection voltage (4.0V ~ 4.9V) PARAMETER SYMBOL CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Detect Voltage VDF 1 VDF (T) X0.98 VDF (T) VDF (T) X1.02 V Hysteresis Range VHYS 1 VDF X0.02 VDF X0.05 VDF X0.08 V Operating Voltage VIN 1 VDF=1.6V ~ 6.0V 0.7 10.0 V VIN=4.0V 1.5 3.8 µA Supply Current ISS 2 VIN=5.0V 2.0 4.2 µA 3 N-ch VDS=0.5V, VIN=4.0V 11.5 mA Output Current IOUT 4 P-ch VDS=2.1V, VIN=8.0V (CMOS output) -15.4 mA VDF Temperature Characteristics ∆VDF ∆TOPR×VDF ±100 ppm/℃ Transient Delay Time (VDR VOUT inversion) tDLY * 5 VIN changes from 0.6V ~ 10V 50 200 ms Detection voltage (5.0V) PARAMETER SYMBOL CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Detect Voltage VDF 1 VDF (T) X0.98 VDF (T) VDF (T) X1.02 V Hysteresis Range VHYS 1 VDF X0.02 VDF X0.05 VDF X0.08 V Operating Voltage VIN 1 VDF=1.6V ~ 6.0V 0.7 10.0 V Supply Current ISS 2 VIN=5.0V 2.0 4.2 µA 3 N-ch VDS=0.5V, VIN =5.0V 13.0 mA Output Current IOUT 4 P-ch VDS=2.1V, VIN=8.0V (CMOS output) -15.4 mA VDF Temperature Characteristics ∆VDF ∆TOPR×VDF ±100 ppm/℃ Transient Delay Time (VDR VOUT inversion) tDLY * 5 VIN changes from 0.6V ~ 10V 50 200 ms VDF (T): established detect voltage value Release Voltage: VDR = VDF + VHYS * Transient Delay Time: 1ms ~ 50ms & 200ms ~ 400ms versions are also available. Note: The power consumption during power-start to output being stable (release operation) is 2 µA greater than it is after that period (completion of release operation) because of delay circuit through current. |