| データシートサーチシステム |
|
TS391CL-AF5-R データシート(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TS391CL-AF5-R データシート(HTML) 5 Page - Unisonic Technologies |
|
5 / 6 page ![]() TS391/A/B/C LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 6 www.unisonic.com.tw QW-R104-003,C TYPICAL CHARACTERISTICS Supply Current vs. Supply Voltage 0.5 0.2 0 0 Supply Voltage (V) 10 20 30 40 Time (μS) Response Time for vs. Input Overdrives - Negative Transition 6 5 4 3 2 1 0 00.5 1 1.5 2 Input Current vs. Supply Voltage 0 Supply Voltage (V) 80 60 40 20 10 20 30 40 Response Time for vs. Input Overdrives - Positive Transition 0.4 0.3 0.1 Ta=-55℃ Ta=+25℃ Ta=+125℃ R=∞ 0 -50 -100 Ta=+25℃ 20mV 100mV Input overdrive:5mV +5V 5.1kΩ eI eo - + Ta=-55℃ Ta=0℃ Ta=+125℃ Time (μS) 6 5 4 3 2 1 0 0 0.5 1 1.5 2 100 50 0 Ta=+25℃ 20mV 5mV Input overdrive:100mV +5V 5.1kΩ eI eo Output Saturation Voltage vs. Output Current Output Sink Current (mA) 10 1 10 0 10 -1 10 -2 10 -2 10 -2 10 -1 10 0 10 1 10 2 Ta=+125℃ Ta=+25℃ Ta=+55℃ Out of saturation - + |