| データシートサーチシステム |
|
ZD2.5L-AE3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ZD2.5L-AE3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ZD2.4 THRU ZD36 ZENER DIODE www.unisonic.com.tw 1 of 3 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R601-006,A ZD2.4 THRU ZD36 ZENER DIODES FEATURES *Compact, 2-pin(SOD-323) and 3-pin(SOT-23) mini-mold types for high-density mounting. *High demand voltage range (2.4V~36V) is manufactured on high-efficient non-wire bonding production line. SOT-23 SOD-323 1 2 3 1 2 *Pb-free plating product number: ZDxxL ORDERING INFORMATION Order Number Pin Normal Lead Free Plating Package 123 Packing ZDxx-AE3-R ZDxxL-AE3-R SOT-23 +- N Tape Reel ZDxx-CL2-R ZDxxL-CL2-R SOD-323 +- Tape Reel Note:1.Pin assignment: +: Anode -: Cathode N: No Connection 2.xx: Zenar Voltage, refer to Marking Information. ZDxxL-AE3-R (1)Packing Type (2)Package Type (3)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23, CL2: SOD-323 (3) L: Lead Free Plating, Blank: Pb/Sn (4)Zenar Voltage (4) refer to Marking Information MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-23 XX Voltage Code SOD-323 2.4 2.5 3.3 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 25 27 30 33 36 XX Voltage Code |
同様の部品番号 - ZD2.5L-AE3-R |
|
同様の説明 - ZD2.5L-AE3-R |