データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL2575HV データシート(PDF) 16 Page - Texas Instruments

部品番号 TL2575HV
部品情報  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV データシート(HTML) 16 Page - Texas Instruments

Back Button TL2575HV Datasheet HTML 12Page - Texas Instruments TL2575HV Datasheet HTML 13Page - Texas Instruments TL2575HV Datasheet HTML 14Page - Texas Instruments TL2575HV Datasheet HTML 15Page - Texas Instruments TL2575HV Datasheet HTML 16Page - Texas Instruments TL2575HV Datasheet HTML 17Page - Texas Instruments TL2575HV Datasheet HTML 18Page - Texas Instruments TL2575HV Datasheet HTML 19Page - Texas Instruments TL2575HV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
Grounding
Layout Guidelines
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
APPLICATION INFORMATION (continued)
The power and ground connections of the TL2575 and TL2575HV must be low impedance to help maintain
output stability. For the 5-pin packages, both pin 3 and tab are ground, and either connection can be used as
they are both part of the same lead frame. With the 16-pin package, all the ground pins (including signal and
power grounds) should be soldered directly to wide PCB copper traces to ensure low-inductance connections
and good thermal dissipation.
With any switching regulator, circuit layout plays an important role in circuit performance. Wiring and parasitic
inductances, as well as stray capacitances, are subjected to rapidly switching currents, which can result in
unwanted voltage transients. To minimize inductance and ground loops, the length of the leads indicated by
heavy lines should be minimized. Optimal results can be achieved by single-point grounding (see Figure 2) or by
ground-plane construction. For the same reasons, the two programming resistors used in the adjustable version
should be located as close as possible to the regulator to keep the sensitive feedback wiring short.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28