| データシートサーチシステム |
|
8136L-T92-D-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
8136L-T92-D-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() 81XX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R119-001,J ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Power supply voltage VCC -0.3~+10 V Operating temperature TOPR -20~+75 °C Storage temperature TSTG -40~+125 °C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25 °C, The unit of resistance is Ω unless otherwise indicated.) PARAMETER SYMBOL (*1) TEST CONDITIONS MIN TYP MAX UNIT UTC 8150 4.850 5.000 5.150 UTC 8146 4.462 4.600 4.738 UTC 8145 4.365 4.500 4.635 UTC 8144 4.268 4.400 4.532 UTC 8143 4.171 4.300 4.429 UTC 8142 4.074 4.200 4.326 UTC 8141 3.977 4.100 4.223 UTC 8140 3.880 4.000 4.120 UTC 8139 3.783 3.900 4.017 UTC 8138 3.686 3.800 3.914 UTC 8137 3.589 3.700 3.811 UTC 8136 3.492 3.600 3.708 UTC 8135 3.395 3.500 3.605 UTC 8134 3.298 3.400 3.502 UTC 8133 3.201 3.300 3.399 UTC 8132 3.104 3.200 3.296 UTC 8131 3.007 3.100 3.193 UTC 8130 2.910 3.000 3.090 UTC 8129 2.813 2.900 2.987 UTC 8128 2.716 2.800 2.884 UTC 8127 2.619 2.700 2.781 UTC 8126 2.522 2.600 2.678 UTC 8125 2.425 2.500 2.575 UTC 8124 2.328 2.400 2.472 UTC 8123 2.231 2.300 2.369 UTC 8122 2.134 2.200 2.266 UTC 8121 2.037 2.100 2.163 UTC 8120 1.940 2.000 2.060 UTC 8119 1.843 1.900 1.957 Detection Voltage VSS 1 RL=470Ω VCC=H->L VOUT=VCC UTC 8118 1.746 1.800 1.854 V Hysteresis Voltage ∆VSS 1 RL=470Ω, VCC=L->H->L, VOUT=VCC 30 50 100 mV Detection Voltage Temperature Coefficient VSS/∆T 1 RL=470Ω, Ta=-20~+75°C VOUT=VCC ±0.01 %/ °C Low Level Output Voltage VOL 1 VCC=VSS min.-0.05V, RL=470Ω 0.2 0.4 V Output Leakage Current IOH 2 VCC=10V , VOUT=VCC ±0.1 µA Circuit Current at ON Time ICCL 3 VCC=VSS min.-0.05V, RL=∞ 3 5 µA Circuit Current at OFF Time ICCH 3 VCC=VSS typ./0.85, RL=∞ 3 5 µA |